PART |
Description |
Maker |
89HPES16NT16G2 |
Supports 128 Bytes to 2 KB maximum payload size
|
Integrated Device Techn...
|
ARC-645 TF-ARC-645-B |
4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
|
AAEON Technology
|
116-93-964-41-006 116-93-210-41-006 116-93-304-41- |
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:19; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Dual-in-line sockets interconnect Open frame Solder tail 双列直插式插座互连开放框架焊 9#18 FEP SH FEP RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Audio control and Instrumentaion Cable, Plenum; Conductor Size AWG:18; Jacket Material:FEP Teflon; Conductor Material:Copper; Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Cable/Wire, Multiconductor Cable, Power Electronic Cable, 9 Conductors, 20AWG, FEP Insulation, Red, 200 C, 600 V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Features:Aluminium Foil/Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 2#16 FEP SH FEP RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
ARC-625 TF-ARC-625-B |
2U 6-Slot Rackmount Chassis, Full-Size CPU Cards Support
|
AAEON Technology
|
BP-204SI TF-AEC-204-W-00 TF-BP-204SS-P2 TF-BP-204S |
6-Slot Wallmount Chassis, Half-Size CPU Cards Support
|
AAEON Technology
|
BYT12P BYT12P1000 BYT12P1000A BYT12P_1000A BYT12P1 |
Shielded Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes From old datasheet system Fast Recovery Silicon Power Rectifier
|
STMicroelectronics N.V. Vishay Intertechnology,Inc. Vishay Siliconix Vishay Telefunken
|
MAX6338 MAX6338AUB MAX6338BUB MAX6338CUB MAX6338DU |
Quad Voltage Monitor in μMAX Package Quad Voltage Monitor in MAX Package Quad Voltage Monitor in レMAX Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Quad Voltage Monitor with Four Outputs in µMax Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BYT77 BYT78 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes FAST SILICON MESA RECTIFIERS From old datasheet system
|
Vishay Telefunken Vishay Intertechnology,Inc. Vishay Siliconix
|
PM5361 PM5361-EI PM5361-RI |
TRIBUTARY UNIT PAYLOAD PROCESSOR
|
PMC-Sierra, Inc PMC[PMC-Sierra Inc]
|
PM5369 |
Tributary Unit Payload Processor for 9953 Mbit/s
|
PMC-Sierra, Inc
|
KNH10C104DA20TS KNH10C224DA20TS KNH10C474DA20TS |
0402 Size. Rated current up to 2A MAX.
|
Kyocera Kinseki Corpotation
|
PM5364 |
SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
|
PMC-Sierra, Inc.
|